Part Number Hot Search : 
TFR315C MC33063 ATA68 018010 TLP747G MAX6641 GBU8A07 P6KE18
Product Description
Full Text Search
 

To Download IMS25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IMS 25 Series
25 Watt DC-DC Converters
Wide input voltage ranges up to 75 V DC Single output up to 15 V DC 1500 V DC I/O electric strength test voltage
LGA
* * * *
Magnetic feedback Synchronous rectifier for models with suffix G Short circuit protection 2.16" x 2.16" metal case with 10.5 mm profile
Selection chart
Output Uo nom Io nom [V DC] [A] 2.5 6 2.5 6 3.3 6 3.3 6 5.1 5 5.1 5 12 2 12 2 15 1.6 15 1.6 Input voltage Ui [V DC] 14...36 32...75 14...36 32...75 14...36 32...75 14...36 32...75 14...36 32...75 Rated power Po tot [W] 15 15 19.8 19.8 25 25 24 24 24 24 Type Options
24 IMS 25-2.5-9G 48 IMS 25-2.5-9G 24 IMS 25-03-9G 48 IMS 25-03-9G 24 IMS 25-05-9G 48 IMS 25-05-9G 24 IMS 25-12-9 48 IMS 25-12-9 24 IMS 25-15-9 48 IMS 25-15-9
i, Z i, Z i, Z i, Z i, Z i, Z i, Z i, Z i, Z i, Z
www.power-one.com
1
Board Mountable
Input
Input voltage range 24 IMS 25 48 IMS 25
IMS 25 Series
14...36 V DC 32...75 V DC
Output
Output voltage setting accuracy Minimum load Line/load regulation Output voltage switching noise Efficiency
Ui nom, 50% lo nom Ui min...Ui max, 50% lo nom Ui nom, 0...100% lo nom, peak-peak, total Ui nom, lo nom
1% Uo nom not required 1% Uo nom max. 1.5...2.5% Uo nom up to typ 91%
Control and protection
Remote shut down Trim input for Uo Input undervoltage lock-out Input overvoltage protection Frequency synchronisation Overload protection No-load protection Temperature protection TTL-compatible input programmable by suppressor diode switching frequency Ui min...Ui max Ui min...Ui max by thermistor disabled with 0.7 V 80...105%
appox. 270 kHz current limitation to max. 130% lo nom
Safety and EMC
Electric strength test voltage Electromagnetic interference I/O and I/Case conducted (with external filter) radiated 1500 V DC class B class A
Environmental
Operating ambient temperature Ui nom, lo nom Storage temperature non operational Relative humidity non condensing -40...71C -40...100C 93%
Options
Inhibit input (reverse logic) Open frame version TTL-compatible, disabled with 2.4 V or open-circuit no housing, not lacquered i Z
www.power-one.com
2
IMS 25 Series
Mechanical data
Tolerances 0.3 mm (0.012") unless otherwise indicated.
25 Watt DC-DC Converters
European Projection
IMS 25
M3
S09115
54.9 (2.16")
48.26 (1.9")
13 2 15 3 4 17
45.72 (1.8")
10.5 (0.41")
48.06 (1.9") 54.7 (2.15") Measuring point of case temperature TC
3.8 (0.15")
2 x 10.16 (0.4")
3 x 5.08 (0.2")
1
www.power-one.com
3
Board Mountable
IMS 25 open frame (option Z)
S09124
IMS 25 Series
5.08 (0.2")
41.2 (1.62")
13 1 2 3 4 17 15
8.2 (0.32")
45.72 (1.8") 50.8 (2")
Pin allocation
Pin 1 2 3 4 13 15 17 Single output unit Vi+ Vi- W SD Vo+ Vo- Trim Option i Vi+ Vi- W i Vo+ Vo- Trim
5.8 (0.23")
10.16 (0.4")
www.power-one.com
4


▲Up To Search▲   

 
Price & Availability of IMS25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X